Part Number Hot Search : 
F2500FS2 EAEEE 2902N TZ375N FB100 LC66558B M16C30MA 2NBSP
Product Description
Full Text Search
 

To Download SSD20P06-135D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSD20P06-135D p-ch enhancement mode power mosfet 16a, -60v, r ds(on) 135m elektronische bauelemente 25-aug-2010 rev.b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a c d n o p g e f h k j m b to-252(d-pack) rohs compliant product a suffix of ?-c? specifies halogen free description these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical applications ar e dc-dc converters and power management in portable and battery-powered produc ts such as computers, printers, pcmcia cards, cellular and cordless telephones. features ? low r ds(on) provides higher efficiency and extends battery life. ? low thermal impedance copper leadframe dpak saves board space. ? fast switching speed. ? high performance trench technology.. product summary product summary v ds (v) r ds (on) m( ? ? i d (a) -60 135@v gs = -10v 16 190@v gs = -4.5v 14 absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds -60 v gate-source voltage v gs 20 v continuous drain current a i d 16 a pulsed drain current b i dm 40 a continuous source current (diode conduction) a i s -15 a total power dissipation a p d 50 w operating junction and storage temperature range t j , t stg -55 ~ 175 c thermal resistance ratings maximum thermal resistance junction-ambient a r ja 50 c / w maximum thermal resist ance junction-case r jc 3.0 c / w notes a. surface mounted on 1? x 1? fr4 board. b. pulse width limited by maximum junction temperature. ref. millimete r ref. millimete r min. max. min. max. a 6.4 6.8 j 2.30 ref. b 5.20 5.50 k 0.70 0.90 c 2.20 2.40 m 0.50 1.1 d 0.45 0.58 n 0.9 1.6 e 6.8 7.3 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.2 h 0.8 1.20 ? ? gate ? ? source ? ? drain
SSD20P06-135D p-ch enhancement mode power mosfet 16a, -60v, r ds(on) 135m elektronische bauelemente 25-aug-2010 rev.b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a = 25 c unless otherwise specified) parameter symbo min. typ. max. unit test conditions static gate-threshold voltage v gs(th) -1 - - v ds = v gs, i d = -250 a gate-body leakage i gss - - 100 na v ds = 0v, v gs = 20v zero gate voltage drain current i dss - - -1 a v ds = -48v, v gs = 0v - - -10 v ds = -48v, v gs =0v, t j =55c on-state drain current a i d(on) -20 - - a v ds = -5v, v gs = -10v drain-source on-resistance a r ds(on) - - 135 m ? v gs = -10v, i d = -28a - - 190 v gs = -4.5v, i d = -14a forward transconductance a g fs - 8 - s v ds = -15v, i d = -28a diode forward voltage v sd - - -1.2 v i s = -2.5 a, v gs = 0 v dynamic b total gate charge q g - 18 - nc v ds = -30 v v gs = -4.5 v i d = -28 a gate-source charge q gs - 5 - gate-drain charge q gd - 2 - input capacitance c iss - 570 - pf v ds = -15 v v gs = 0 v f = 1mhz output capacitance c oss - 80 - reverse transfer capacitance c rss - 40 - turn-on delay time t d(on) - 8 - ns v dd = -30 v i d = -1 a v gen = -10 v r l = 30 ? r g = 6 ? rise time t r - 10 - turn-off delay time t d(off) - 35 - fall time t f - 12 - notes a. pulse test pulse width Q 300 s, duty cycle Q 2 . b. guaranteed by design, not s ubject to production testing.
SSD20P06-135D p-ch enhancement mode power mosfet 16a, -60v, r ds(on) 135m elektronische bauelemente 25-aug-2010 rev.b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
SSD20P06-135D p-ch enhancement mode power mosfet 16a, -60v, r ds(on) 135m elektronische bauelemente 25-aug-2010 rev.b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SSD20P06-135D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X